PART |
Description |
Maker |
LPC1111 LPC1112 LPC1113 LPC1114 LPC1100L |
Cortex-M0 MCUs with lowest active power and superior code density
|
NXP Semiconductors
|
LPC11C122FBD48-301 LPC11C12FBD48-301 LPC11C24FBD48 |
NXP 50-MHz, 32-bit Cortex-M0 MCUs
|
NXP Semiconductors
|
LPC4317 LPC4300 LPC4312 LPC4313 LPC4315 LPC4310 LP |
First asymmetrical, dual-core digital signal controller featuring Cortex-M4 & Cortex-M0
|
NXP Semiconductors
|
LPC1311FHN33 LPC1311FHN33-01 LPC131111 LPC1313FBD4 |
Cortex-M3 with 8 kB flash, 4 kB SRAM, upto 72 MHz performance and on-chip power profiles 32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
|
NXP Semiconductors N.V.
|
STM32F417ZG STM32F417IG STM32F415RG STM32F415XX ST |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator, HW crypto ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM
|
ST Microelectronics STMicroelectronics
|
74ACTQ16540 74ACTQ16540MTD 74ACTQ16540SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-TSSOP -40 to 85 ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 Dual 8-Bit Buffer/Driver ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LPC4357FET256 LPC4357JET256 LPC4357JBD208 |
Dual-core Cortex-M4/M0, 1 MB Flash, 136 kB SRAM, 2 HS USB with on-chip PHY, Ethernet, LCD, CAN, AES, SPIFI, SGPIO, SCT 32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
|
NXP Semiconductors
|
LPC4350FET180 LPC4310FBD144 |
Dual-core Cortex-M4/M0, 264 kB SRAM, 2 HS USB with on-chip PHY, Ethernet, LCD, CAN, AES, SPIFI, SGPIO, SCT Dual-core Cortex-M4/M0, 168 kB SRAM, CAN, AES, SPIFI, SGPIO, SCT
|
NXP Semiconductors N.V.
|
SX1508EVK SX1508IULTRT SX1509IULTRT |
Worlds Lowest Voltage Level
|
Semtech Corporation
|
SPP11N65C3 |
for lowest Conduction Losses & fastest Switching
|
Infineon
|